PART |
Description |
Maker |
BF421-AP 8836 BF421 BULT106D |
SMALL SIGNAL PNP TRANSISTOR SMALL SIGNAL PNP TRANSISTOR From old datasheet system High voltage fast-switching NPN power transistor
|
ST Microelectronics STMicroelectronics
|
2SA970GR BCX79-10 2SA984F 2SA1266 2SA1266O |
100 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
BC857BT-7 BC857AT BC857AT-7 BC857CT BC857CT-7 BC85 |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR Wideband Video Quad SPST
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTA115TUA-7-F DDTA113TUA-7-F DDTA123TUA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDTA114TUA DDTA114TUA-7 DDTA125TUA DDTA125TUA-7 DD |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
MPS4354 CSA1266GR BC558 |
500 mA, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
PN5133-18R PN5133-18FLEADFREE PN5133-18RLEADFREE M |
18 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 18 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18F, 3 PIN 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-5T1, 3 PIN 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-5F, 3 PIN 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-5T, 3 PIN 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
DDTA123JKA-7-F DDTA123YKA-7-F DDTA143FKA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. 小信号晶体管 Diodes, Inc.
|
MMSTA92-7-F |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 100 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
MPS6517 MPS3710 MPS6507 |
100 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PLASTIC PACKAGE-3 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
|